Part Number Hot Search : 
AE9946 B099473 ADE11225 B39162 L1084 60N6S2D B0413 S3C84BB
Product Description
Full Text Search
 

To Download RB160A301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB160A30
Diodes
Schottky barrier diode
RB160A30
Applications General rectification Dimensions (Unit : mm)
CATHODEBAND 0.60.1
Features 1) Cylindrical mold type. (MSR) 2) High I surge capability. 3) Low IR. 4) High ESD.
291
3.00.2
1
291 2.50.2
ROHM : MSR Manufacture Date
Construction Silicon epitaxial planar
Taping specifications (Unit : mm)
BROWN H2 A BLUE E
Symbol Standard dimension value(mm)
B
C
L1 H1 F
L2 D
T-31 52.41.5 +0.4 T-32 26.0 0 T-31 5.00.5 B T-31 5.00.3 T-31 C 1.0 max. T-32 T-31 D 0 T-32 T-31 1/2A1.2 E T-32 1/2A0.4 T-31 0.7 T-32 0.2 max. T-31 H1 6.00.5 T-32 T-31 H2 5.00.5 T-32 T-31 1.5 max. |L1-L2| T-32 0.4 max. H1(6mm)BROWN
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current (*1) Forward current surge peak t=100s Junction temperature Storage temperature Symbol VRM VR Io IFSM Tj Tstg Limits 30 30 1 70 150 -55 to +150 Unit V V A A
(*1)Mounted on epoxy board. 180Half sine wave
Electrical characteristics (Ta=25C)
Parameter Forward voltagae Reverse current ESD break down voltage Symbol VF IR ESD Min. 0.33 20 Typ. 0.43 9.00 Max. 0.48 50 Unit V A kV Conditions IF=1.0A VR=30V C=100pF,R=1.5k, forward and reverse : 1 time
Rev.B
1/3
RB160A30
Diodes
Electrical characteristic curves (Ta=25C)
1 Ta=75 10000 1000 Ta=75 100 10 1 0.1 0.01 0 100 200 300 400 500 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS 600 0 5 10 15 20 25 30 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS Ta=25 Ta=125 1000 f=1MHz CAPACITANCE BETWEEN TERMINALS:Ct(pF)
Ta=125 0.1
Ta=25
REVERSE CURRENT:IR(uA)
FORWARD CURRENT:IF(A)
100
Ta=-25 0.01
Ta=-25
10
0.001
1 0 5 10 15 20 25 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 30
450 FORWARD VOLTAGE:VF(mV) Ta=25 IF=1A n=30pcs
100 90 REVERSE CURRENT:IR(uA) 80 70 60 50 40 30 20 10 AVE:8.172uA Ta=25 VR=30V n=30pcs
400 390 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 380 370 360 350 340 330 320 310 300 AVE:324.4pF Ta=25 f=1MHz VR=0V n=10pcs
440
430
420 AVE:424.2mV 410
400 VF DISPERSION MAP
0
IR DISPERSION MAP
Ct DISPERSION MAP
150 Ifsm PEAK SURGE FORWARD CURRENT:IFSM(A) 8.3ms 100
1cyc RESERVE RECOVERY TIME:trr(ns)
20 PEAK SURGE FORWARD CURRENT:IFSM(A) Ta=25 IF=0.5A IR=1A Irr=0.25*IR n=10pcs
100
15
10 AVE:11.7ns 5
50 Ifsm 8.3ms 8.3ms 1cyc 0 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
50 AVE:98.0A
0
0 trr DISPERSION MAP
IFSM DISRESION MAP
Mounted on epoxy board
150 TRANSIENT THAERMAL IMPEDANCE:Rth (/W) PEAK SURGE FORWARD CURRENT:IFSM(A) Ifsm t 100
1000
IF=0.5A Rth(j-l)
100
Rth(j-a)
1 0.8 FORWARD POWER DISSIPATION:Pf(W) 0.6 0.4 0.2 Sin(180) D=1/2 DC
IM=1mA
time(s) td=300us
Rth(j-c)
10
50
0 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
1 0.001
0.01
0.1
1
10
100
1000
0 0 0.5 1 1.5 2 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS
TIME:t(s) Rth-t CHARACTERISTICS
Rev.B
2/3
RB160A30
Diodes
0.1 3 2.5 2 DC 1.5 D=1/2 1 0.5 0 0 5 10 15 REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS 20 0 25 50 75 100 AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta) 125 Sin(180) T 0A 0V t Io AVERAGE RECTIFIED FORWARD CURRENT:Io(A) VR D=t/T VR=15V Tj=125 3 2.5 2 1.5 D=1/2 1 0.5 0 0 25 50 75 100 CASE TEMPARATURE:Tc() Derating Curve(Io-Tc) 125 Sin(180) 0A 0V DC Io t T VR D=t/T VR=15V Tj=125
0.06 Sin(180) 0.04 D=1/2 DC 0.02
0
30 No break at 30kV ELECTROSTATIC DISCHARGE TEST ESD(KV) 25 20 15 10 5 0 C=200pF R=0 C=100pF R=1.5k
AVE:6.90kV
ESD DISPERSION MAP
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
0.08 REVERSE POWER DISSIPATION:PR (W)
Rev.B
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RB160A301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X